Part Number Hot Search : 
55520 001547 20001 T24C02 4305H5 LC66358S NJW1194 D3055
Product Description
Full Text Search
 

To Download MTL004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MYSON TECHNOLOGY
MTL004
(Rev. 0.95)
XGA Flat Panel Controller
FEATURES General
* * * * * * *
Auto configuration of sampling clock frequency, phase, H/V center, as well as white balance. Auto detection of present or non-present or over range sync signals and their polarities. Composite sync separation and odd/even field detection of interlaced video. No external memory required. On-chip output PLL provide clock frequency fine-tune (inverse, duty cycle and delay). Selection of serial 2-wire I2C or 3-wire serial or 8-bit direct host interface to 8-bit MCU. 3.3V supplier, 5V I/O tolerance in 208-pin PQFP package. Single RGB (24-bit) or Dual RGB (48-bit) input rates up to 100MHz. Support both non-interlaced and interlaced RGB graphic input signals.. Compliant with digital LVDS/PanelLink TMDS input interface. PC input resolution up to XGA 1024x768 @85Hz. Independent programmable Horizontal and Vertical scaling up ratios from 1 to 32 Built-in programmable gain control for white balance alignments. Built-in programmable 8-bit gamma correction table. Built-in programmable temporal color dithering. Built-in programmable interpolation look-up table. Support smooth panning under viewing window change. Single pixel (18/24-bit) or Dual pixel (36/48-bit) per clock digital RGB output. Built-in output timing generator with programmable clock and H/V sync. Support VGA/SVGA/XGA display resolution. Overlay input interface with external OSD controller. Double scan capability for interlaced input.
Input Processor
* * * *
Video Processor
* * * * * *
Output Processor
* * * * *
GENERAL DESCRIPTION
The MTL004 Flat Panel Display (FPD) Controller is an input format converter for TFT-LCD Monitor or LCD TV application which accepts 15-pin D-sub RGB graphic signals (through ADC), or digital RGB graphic signals from PanelLink TMDS receiver. It includes a RGB input processor, video scaling up processor, OSD input interface and output display processor in 208-pin PQFP.
Revision 0.95
-1-
2000/06/14
MYSON TECHNOLOGY
BLOCK DIAGRAM
MTL004
(Rev. 0.95)
To external OSD
PC RGB
RGB Input
Zoom Buffer
Scale Up
Dithering
OSD & Output MUX
RGB output
Gain Control Auto Calibration Mode Detect Host Interface
Gamma Correct
Display Timing Generator
To I2C Bus
APPLICATIONS
MTV130 OSD
LVDS/PanelLink TMDS Receiver D-sub RGB graphic signals
MTL004 FPD Monitor Controller
TFT-LCD Flat Panel
ADC1 ADC2
MTV212 8-bit MCU
This datasheet contains new product information. Myson Technology reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of this product. No rights under any patent accompany the sale of the product.
Revision 0.95
-2-
2000/06/14
MYSON TECHNOLOGY
1. PIN CONNECTION
MTL004
(Rev. 0.95)
NC NC NC TDIE PVSS B1IN1 B1IN0 R2IN7 R2IN6 R2IN5 R2IN4 R2IN3 R2IN2 R2IN1 R2IN0 R1IN7 R1IN6 R1IN5 R1IN4 R1IN3 CLAMP R1IN2 DVSS R1IN1 TMDSSEL NC DVDD R1IN0 G1IN7 G1IN6 G1IN5 G1IN4 G1IN3 G1IN2 G1IN1 G1IN0 VSYNC1 IPCLK1 RAWHS NC HSYNC1 NC NC IPCLK2 HSYNC2 VSYNC2 PVDD AVDD XO XI AVSS NC *105 *106 *107 *108 *109 *110 *111 *112 *113 *114 *115 *116 *117 *118 *119 *120 *121 *122 *123 *124 *125 *126 *127 *128 *129 *130 *131 *132 *133 *134 *135 *136 *137 *138 *139 *140 *141 *142 *143 *144 *145 *146 *147 *148 *149 *150 *151 *152 *153 *154 *155 *156 NC NC GPIO1 GPIO0 PVSS OHSYNC OCLK OVSYNC G2IN7 G2IN6 G2IN5 G2IN4 G2IN3 G2IN2 G2IN1 DVDD EXTDCLK2 DVSS EXTDCLK1 PVDD G2IN0 G2OUT0 PVSS G2OUT1 G2OUT2 G2OUT3 DVDD G2OUT4 G2OUT5 G2OUT6 G2OUT7 DVSS R2OUT0 R2OUT1 R2OUT2 R2OUT3 NC RSTZ PVDD G1OUT0 NC G1OUT1 PVSS G1OUT2 G1OUT3 G1OUT4 G1OUT5 PVDD BUSSEL0 BUSSEL1 NC PVSS *157 *158 *159 *160 *161 *162 *163 *164 *165 *166 *167 *168 *169 *170 *171 *172 *173 *174 *175 *176 *177 *178 *179 *180 *181 *182 *183 *184 *185 *186 *187 *188 *189 *190 *191 *192 *193 *194 *195 *196 *197 *198 *199 *200 *201 *202 *203 *204 *205 *206 *207 *208
MTL004
(208-pin PQFP)
104* 103* 102* 101* 100* 099* 098* 097* 096* 095* 094* 093* 092* 091* 090* 089* 088* 087* 086* 085* 084* 083* 082* 081* 080* 079* 078* 077* 076* 075* 074* 073* 072* 071* 070* 069* 068* 067* 066* 065* 064* 063* 062* 061* 060* 059* 058* 057* 056* 055* 054* 053*
NC NC DVSS NC DVDD B1IN2 B1IN3 B1IN4 B1IN5 B1IN6 B1IN7 B2IN0 B2IN1 PVDD B2IN2 B2IN3 B2IN4 B2IN5 B2IN6 B2IN7 PVSS B2OUT7 B2OUT6 B2OUT5 B2OUT4 DVDD B2OUT3 B2OUT2 B2OUT1 DVSS B2OUT0 R2OUT7 DVDD R2OUT6 R2OUT5 R2OUT4 DVSS IRQ AD2 AD1 AD0 HCSZ PVDD B1OUT7 B1OUT6 B1OUT5 B1OUT4 PVSS AD3 AD4 AD5 NC
Revision 0.95
052* 051* 050* 049* 048* 047* 046* 045* 044* 043* 042* 041* 040* 039* 038* 037* 036* 035* 034* 033* 032* 031* 030* 029* 028* 027* 026* 025* 024* 023* 022* 021* 020* 019* 018* 017* 016* 015* 014* 013* 012* 011* 010* 009* 008* 007* 006* 005* 004* 003* 002* 001* PVSS AD6 AD7 ALE DVDD B1OUT3 B1OUT2 DVSS B1OUT1 B1OUT0 PVDD R1OUT7 R1OUT6 PVSS R1OUT5 R1OUT4 DVSS DVDD HRDZ NC DVSS HWRZ DOEZ DHSYNC DVSYNC DVDD DHCLK DDEN DDCLK DVSS NC GPIO2 GPIO3 NC OSDEN OSDBLU DVDD OSDGRN OSDRED DVSS R1OUT3 R1OUT2 DVDD R1OUT1 R1OUT0 G1OUT7 G1OUT6 PVSS OSDINT NC NC NC
-3-
2000/06/14
MYSON TECHNOLOGY
2. PIN DESCRIPTION ADC1 Input Interface (RGB or TMDS Input Data)
Name IPCLK1 VSYNC1 HSYNC1/CS1 R1IN[7:0] Type I I I I Pin# 142 141 145 120-124, 126,128, 132 133-140 94-99, 110-111 143 108 130 129 125
MTL004
(Rev. 0.95)
Description Input pixel clock 1 Input Vertical sync 1 Input Horizontal or Composite sync 1 Red channel or TMDS input data (Single/Dual ADC)
G1IN[7:0] B1IN[7:0] RAWHS/SOG TDIE NC TMDSSEL CLAMP
I I I I O O O
Green channel or TMDS input data (Single/Dual ADC) Blue channel or TMDS input data (Single/Dual ADC) Input source HSYNC or Input Sync On Green TMDS digital input enable No connection TMDS input select, active high Clamp pulse output for ADC
ADC2 Input Interface (RGB or TMDS Input Data)
Name IPCLK2 VSYNC2 HSYNC2/CS2 R2IN[7:0] G2IN[7:0] B2IN[7:0] NC NC NC Type I I I I I I I I I Pin# 148 150 149 112-119 165-171, 177 85-90, 92-93 144 147 146 Description Input pixel clock 2 Input Vertical sync 2 Input Horizontal or Composite sync 2 Red or TMDS input data (Single/Dual ADC) Green channel or TMDS input data (Single/Dual ADC) Blue or TMDS input data (Single/Dual ADC) No connection No connection No connection
Display Output Interface
Name DDEN DVSYNC DHSYNC DDCLK DHCLK DOE# R1OUT[7:0] Type O O O O O I O Pin# 25 28 29 24 26 30 41-40 38-37, 12-11,9-8 7-6, 203-200, 198,196 61-58,47, 46,44,43 73,71-69, 192-189 187-184, 182-180, 178 Description Display data output enable Display Vertical sync output Display Horizontal sync output Display output clock Display half rate output clock Display port output enable, "1" will tri_state all Display port output signals Red output even data , bit[7:2] for 6-bit panel
G1OUT[7:0]
O
Green output even data , bit[7:2] for 6-bit panel
B1OUT[7:0] R2OUT[7:0] G2OUT[7:0]
O O O
Blue output even data Red output odd data
, bit[7:2] for 6-bit panel , bit[7:2] for 6-bit panel
Green output odd data , bit[7:2] for 6-bit panel
Revision 0.95
-4-
2000/06/14
MYSON TECHNOLOGY
B2OUT[7:0] O 83-80, Blue output odd data 78-76,74
MTL004
(Rev. 0.95)
, bit[7:2] for 6-bit panel
Host Interface
Name RST# AD[7:0] Type I I/O Pin# 194 50-51, 54-56, 66-64 Description System reset input, active low. The address and data bus of 8-bit direct interface or 2-wire I2C / 3-wire series bus Bit 2: SDAO, 3-wire serial bus data out Bit 1: SDA, serial bus data / 3-wire serial bus data in Bit 0: SCK, serial bus clock Host write strobe, active low Host read strobe, active low Host address latch enable for 8-bit direct bus Host chip select Bus mode selection. 0x: 3-wire bus, 10: I2C bus, 11: 8-bit direct bus Interrupt request output
HWR# HRD# ALE HCS# BUSSEL[1:0] IRQ
I I I I I O
31 34 49 63 206,205 67
OSD Interface
Name OCLK OVSYNC OHSYNC OSDRED OSDGRN OSDBLU OSDINT OSDEN Type O O O I I I I I Pin# 163 164 162 14 15 17 4 18 Description Clock for external OSD Vertical sync for external OSD Horizontal sync for external OSD OSD red input OSD green input OSD blue input OSD intensity input OSD overlay enable
Other Interface
Name XI XO EXTDCLK1 EXTDCLK2 GPIO[3:0] Type I O I I I/O Pin# 154 153 175 173 20-21, 159-160 Description Oscillator frequency input Oscillator frequency output External display clock input 1 External display clock input 2 General purpose I/O or Bit 1: ADVS, Vertical sync for A/D converter Bit 0: ADHS, Horizontal sync for A/D converter Default: Input direction No connection
NC
-
1-3, 19, 22, 33, 53, 101, 103-107, 156-158, 193, 197, 207
3.3V Power and Ground
Name DVDD DVSS PVDD PVSS Revision 0.95 Pin# 10, 16, 27, 35, 48, 72, 79, 100, 131, 172, 183 13, 23, 32, 36, 45, 68, 75, 102, 127, 174, 188 42, 62, 91, 151, 176, 195, 204 5, 39, 52, 57, 84, 109, 161, 179, 199, 208 -5Description Digital power 3.3V Digital ground Pad power 3.3V Pad ground 2000/06/14
MYSON TECHNOLOGY
AVDD AVSS 152 155
MTL004
(Rev. 0.95)
Analog power 3.3V Analog ground
Revision 0.95
-6-
2000/06/14
MYSON TECHNOLOGY
3. FUNCTIONAL DESCRIPTION 3.1 Input Processor
MTL004
(Rev. 0.95)
General Description The function of Input Interface is to provide the interface between MTL004 and external input devices. It can process non-interlaced and interlaced RGB graphic input, and digital RGB input compliant with digital LVDS/PanelLink TMDS interface. 3.1.1 RGB Input Format The RGB input port works in two modes: Single Pixel mode (24 bits) and Double Pixel mode (48 bits). For Single Pixel mode, either ports R/G/B1IN[7:0] or R/G/B2IN[7:0] selected by Reg.16h/D0 can be chosen to be internally sampled. For the Double Pixel mode, besides ports R/G/B1IN[7:0], ports R/G/B2IN[7:0] are also needed. The R/G/B1IN ports are sampled at the rising edge of the RGB input clock, and the R/G/B2IN ports are sampled at the falling edge. 3.1.2 TMDS Input Format The Digital RGB input port works just in the same way as Sec 3.1.1 except that pin "Digital Input Enable DIEN " is needed. With a flexible single or double pixel input interface, the supported format is up to true color, including 18 bit/pixel or 24 bit/pixel in 1 or 2 pixels/clock mode. 3.1.4 Input HSYNC Path In addition to the pins HSYNC1/2, MTL004 provides another pin RAWHS to support the Sync Processor. In general, the synchronous HSYNC input for HSYNC1 or HSYNC2 generated by an ADC may have a very narrow pulse width and a different polarity comparing to the original HSYNC provided by the source. The RAWHS input provides the path of original HSYNC connection to MTL004, thus making Sync Processor in MTL004 working properly. 3.1.6 De-interlace mode For the interlace input, MTL004 features several de-interlacing algorithms for processing interlaced video data depending on the type of input images.
Toggle Mode In this mode, only one field is displayed at the time. First field and second field are toggling displayed. The missing lines are calculated by duplicating the neighboring lines. This mode gives good quality for moving pictures.
Spatial Mode In this mode, two fields are toggling displayed just like the Toggle mode. The missing lines are calculated by interpolating the neighboring lines. This mode has a generally good quality for still and moving pictures. 3.1.7 Sync Processor The V/H SYNC processing block performs the functions of Composite signal separation/insertion, SYNC inputs presence check, frequency counting, polarity detection and control. It contains a de-glitch circuit to filter out any pulse shorter than one OSC period which is treated as noise among V/H SYNC pulses.
V/H SYNC Frequency Counter MTL004 can measure VSYNC/HSYNC frequency counted in proper clock and save the information in the register. Users can read the figure and calculate VSYNC/HSYNC frequency as following formulas: fvsync = fosc / Nvsync 51/256 fhsync = fosc / Nhsync 58 ,Where fvsync fhsync fosc : VSYNC frequency : HSYNC frequency : oscillator clock with 14.31818 MHz -72000/06/14
Revision 0.95
MYSON TECHNOLOGY
Nvsync Nhsync
MTL004
(Rev. 0.95)
: counted number of VSYNC : counted number of HSYNC
V/H SYNC Presence Check This function checks the input VSYNC, where Vpre flag is set when VSYNC is over 40Hz or cleared when VSYNC is under 10Hz and the input HSYNC, where Hpre flag is set when HSYNC is over 10Khz or cleared when HSYNC is under 10Hz.
V/H Polarity Detect This function detects the input VSYNC/HSYNC high and low pulse duty cycle. If the high pulse duration is longer than that of low pulse, the negative polarity is asserted; otherwise, positive polarity is asserted.
Composite SYNC separation/insertion MTL004 continuously monitors the input HSYNC. If the input VSYNC can be extracted from it, a CVpre flag is set. MTL004 can insert HSYNC pulse during Composite VSYNC' active time and the insertion frequency s can adapt to the original HSYNC' s. 3.1.8 Auto Tune Auto Tune function consists of Auto Position which automatically centering the screen and Auto Calibration which contains Phase Calibration, Histogram, Min/Max Value, and Pixel Grab that are described in the following paragraphs. With such auto adjustment support it is possible to measure the correct phase, frequency, gain, and offset of ADC. The horizontal and vertical back porches of input image and the horizontal and vertical active regions can also be measured. Firmware can adjust input image registers automatically by reading Auto Tune' registers in single or burst mode. s
Auto Position MTL004 provides Horizontal/Vertical back porch and active region values. Users can use these values to set input sample registers to aid in centering the screen automatically.
Phase Calibration MTL004 provides Auto Calibration registers to measure the quality of current ADC' phase and frequency. s The biggest Auto Calibration registers value means the right value of ADC' phase and frequency. MTL004 s has two kinds of algorithms to calculate Auto Calibration' value. One is traditional Difference method, s another is MYSON' proprietary method. The latter one is recommended for a better performance. s
Histogram Histogram is the total number of input pixels below/above one threshold value for individual R, G, B colors. This advanced function helps Firmware to analyze ADC performance. Usually Firmware can use the information to measure ADC' noise margin, adjust its offset and gain, or even aid in the mode detection. s
Min/Max Value Min/Max value is the minimum or maximum pixel value within the specified input active image region for each RGB channel. This information is usually used to adjust ADC' offset and gain. s
Pixel Grab Pixel Grab means user can grab a single input pixel at any one point. The position of the point can be programmed by the user. This is another traditional method to measure ADC' phase and frequency. s
Revision 0.95
-8-
2000/06/14
MYSON TECHNOLOGY
3.2 Video Processor
MTL004
(Rev. 0.95)
General Description MTL004 possesses a powerful and programmable video processor by providing the following functions: Scaling Up, Gain Control, Brightness Control, Gamma Correction, and Dithering Control. The block diagram of Video Processor is as follows:
Fig. 3.2.1 Video Processor BlockScaling Factor Diagram SCALING Interpolation Table 3.2.1 Scaling MTL004 provides scaling function ranging from 1 to 32 for up scaling, and for both horizontal and vertical GAIN Gain Factor
BRIGHTNESS
Brightness Factor
GAMMA
Gamma Table
DITHERING
Dithering Table
processing. For scaling up, both horizontal and vertical processing, MTL004 provides four methods:

Pass Mode: Image will be passed through without taking scaling factor into account. Duplicate Mode: Image will be scaled up based on the scaling factor. Every point of output image comes from the input. In this method, the output image will have a good contrast but the picture could be non-uniformed. Bilinear Mode: Image will be scaled up based on the scaling factor. Every point of output image data will be filtered by bilinear filter. In this method, the output image will have a good scaling quality but the picture could be blurred. Interpolation Table Mode: Image will be scaled up based on the scaling factor. The user-defined filter will filter every point of output image data. In this mode, every output point is calculated based on the 3 input points.
Input pixels: Ik-1 Al Output pixels: Yl-1 Revision 0.95 Yl -9Yl+1 2000/06/14 Ik Bl Cl Ik+1
MYSON TECHNOLOGY
,where Yl=Al*Ik-1+Bl*Ik+Cl*Ik+1 and A, B, C are the scaling factors from interpolation table Fig. 3.2.2 Scaling filter
MTL004
(Rev. 0.95)
3.2.2 Gain/Brightness Control MTL004 provides Gain and Brightness control to adjust the contrast and brightness of output color by programming the gain and brightness coefficients. This adjustment is applied to RGB colors individually. Auto-white balance can be achieved by using this function. 3.2.3 Gamma Correction Gamma Correction is used to compensate the non-linearity of LCD display panel. MTL004 contains an 8-bit Gamma table to fix this phenomenon. 3.2.4 Color Dithering MTL004 supports true color (8 bits per color) or high color (6 bits per color) display. In the latter case, users can turn on dithering function to avoid artificial contour due to truncation. The dithering function works in two modes:

Static dithering: Dithering coefficient is fixed. Temporal dithering: Dithering coefficient is time dependent.
3.3 Output Processor
General Description Output processor provides the interface for both LCD panel and OSD controller. The output frame rate must be equal to the input frame rate and output display time must be equal to input display time since there is no frame buffer present.
Revision 0.95
- 10 -
2000/06/14
MYSON TECHNOLOGY
MTL004
(Rev. 0.95)
3.3.1 Display Timing Generation Because of no frame buffer, output displaying timing is locked by input timing and output frame rate is equal to input frame rate. Users must program output timing and lock position to make sure that line buffer will not overflow or underflow. MTL004 can automatically calculate Display Horizontal Total count to make the output timing calculation easier. MTL004 also provides line buffer overflow/underflow status for calibrating lock position.
Input Frame X
Output Frame
X: lock position Fig. 3.2.2 Display Timing modes
3.3.2 OSD Overlay MTL004 allows the integration of overlay data with the scaled output pixel stream. It provides a fully compatible OSD interface. Individual OSD clock, OSD HSYNC and OSD VSYNC are sent to external OSD device. MTL004 receives OSD Enable, OSD Red, OSD Green, OSD Blue, and OSD Intensity from external OSD device. 3.3.3 RGB Output Format MTL004 output interface consists of two pixel ports, each containing Red, Green, and Blue color information with a resolution of 6/8 bits per color. These two ports are PORT1 and PORT2 respectively. The control signals for the output port are display horizontal sync signal (DHSYNC), display vertical sync signal (DVSYNC) and display data enable signal (DDEN). All the signals mentioned above are synchronous to the output clock. The output timing relative to the active edge of the output clock is programmable. There are two RGB output formats:
Single Pixel Mode Is designed to support TFT panels with single pixel input. Only PORT1 is active. The frequency of DCLK is equal to internal display clock.
Dual Pixel Mode Is designed to support TFT panels with dual pixel input. PORT1 and PORT2 are used. The first pixel is at PORT1, with the second at PORT2.
Revision 0.95
- 11 -
2000/06/14
MYSON TECHNOLOGY
DDCLK DDEN R1OUT/G1OUT 000 /B1OUT SINGLE PORT
MTL004
(Rev. 0.95)
rgb0 rgb1 rgb2 rgb3 rgb4
DDCLK DHCLK DDEN R1OUT/G1OUT 000 /B1OUT R2OUT/G2OUT 000 /B2OUT rgb0 rgb2 rgb4 rgb6 rgb8 rgb1 rgb3 rgb5 rgb7 rgb9
3.5 Host Interface
DUAL PORT
Revision 0.95
Fig. 3.2.3 Display Data Timing
- 12 -
2000/06/14
MYSON TECHNOLOGY
MTL004
(Rev. 0.95)
General Description The main function of Host Interface is to provide the interface between MTL004 and external CPU by 2-wire I2C Bus or 3-wire series Bus or 8-bit Direct Bus selected by the input pins BUSSEL[1:0]. It can generate all the I/O decoded control timing to control all the registers in MTL004. The other function is Screen Write, which allows users to clear frame buffer, and display output as well. 3.5.1 I2C Serial Bus The I2C serial interface use 2 wires, SCK (clock) and SDA(data I/O). The SCK is used as the sampling clock and SDA is a bi-directional signal for data. The communication must be started with a valid START condition, concluded with STOP condition and acknowledged with ACK condition by receiver. The I2C bus device address of MTL004 is 0111010x. AD[0] AD[1] SCK, serial bus clock. SDA, bi-directional serial bus data.
The START condition means a HIGH to LOW transition of SDA when SCK is high, the STOP condition means a LOW to HIGH transition of SDA when SCK is high. And data of SDA only changes when SCK is low. Ref. Fig.3.5.1.
SDA
SCK
START
DATA CHANGE
DATA CHANGE
STOP
Fig. 3.5.1 START, STOP ,and DATA definition The I2C interface supports Random Write, Sequential Write, Current Address Read, Random Read and Sequential Read operations.
Random Write For Random Write operation, it contains the slave address with R/W bit set to 0 and the word address which is comprised of eight bits that provides the access to any one of the 256 bytes in the selected memory range. Upon receipt of the word address, MTL004 responds with an Acknowledge and waits for the next eight bits of data again, responding with an Acknowledge, and then the master generates a stop condition. Ref. Fig.3.5.2.
Revision 0.95
- 13 -
2000/06/14
MYSON TECHNOLOGY
S T A R T SDA WA C K Fig. 3.5.2 Random Write
MTL004
(Rev. 0.95)
SLAVE ADDRESS
WORD ADDRESS
DATA
S T O P
A C K
A C K
Sequential Write The initial step of Sequential Write is the same as Random Write, after the receipt of each word data, MTL004 will respond with an Acknowledge and then internal address counter will increment by one for next data write. If the master stops writing data, it will generate stop condition. Ref. Fig. 3.5.3.
S T A R SLAVE T ADDRESS SDA WA C K
WORD ADDRESS
DATA n
DATA n+1
DATA n+x
S T O P
A C K
A C K
A C K
A C K
Fig. 3.5.3 Sequential Write
Current Address Read MTL004 contains an address counter which maintains the last access address incremented by one. If the last access address is n, the read data should access from address n+1. Upon receipt of the slave address with R/W bit set to 1, MTL004 generates an Acknowledge and transmits the eight bits data. After receiving data the master will generate a stop condition instead of an Acknowledge. Ref. Fig. 3.5.4.
S T A R T SDA
SLAVE ADDRESS
DATA
S T O P
RA C K Fig. 3.5.4 Current Address Read
Revision 0.95
- 14 -
2000/06/14
MYSON TECHNOLOGY
MTL004
(Rev. 0.95)
Random Read The operation of Random Read allows access to any address. Before the reading data operation, it must issue a "dummy write" operation -- the master issues the start condition, slave address and then the word address it is to read. After the word address acknowledge, the master generating a start condition again and slave address with R/W bit is set to 1. MTL004 then transmits the 8 bits of data. Upon the completion of receiving data, the master will generate a stop condition instead of an Acknowledge. Ref. Fig 3.5.5.
S T A R T SDA
SLAVE ADDRESS
WORD ADDRESS
S T A R T A C K
SLAVE ADDRESS
DATA
S T O P
WA C K
RA C K
Fig. 3.5.5 Random Read
Sequential Read The initial step can be as either Current Address Read or Random Read. The first read data is transmitted in the same manner as for other read methods. However, the master generates an Acknowledge indicating it requires more data to read. MTL004 continues to output data for each Acknowledge received. The output data is sequential and the internal address counter increments by one for next read data. Ref. Fig. 3.5.6. S T A R T SDA RA C K A C K A C K
SLAVE ADDRESS
DATA n
DATA n+1
DATA n+x
S T O P
Fig. 3.5.6 Sequential Read 3.5.2 3-wire Serial Bus The 3-wire serial interface use 3 wires, SCK (clock) and SDA(data I) and SDAO(data O). The SCK is used as the sampling clock, SDA is an input signal for data, and SDAO is an output signal for data. The handshaking protocol is the same as for the 2-wire I2C serial bus. AD[0] AD[1] AD[2] SCK, serial bus clock. SDA, serial bus data in. SDAO, serial bus data out.
3.5.3 8-bit Direct Bus The Direct Bus use AD[7:0], HWR#, HRD#, ALE, HCS# as the interface with host. ALE is used to latch read or write address from AD[7:0] and HRD#, HWR# to access data. Ref. Fig. 3.5.7. AD[7:0] Revision 0.95 Address and data multiplex bus. - 15 2000/06/14
MYSON TECHNOLOGY
HRD# HWR# ALE HCS# CPU read data strobe, Active Low. CPU write data strobe, Active Low. ALE =1 latch read or write address, ALE=0 represents I/O data. Enable signal for CPU access, Active Low.
MTL004
(Rev. 0.95)
AD[7:0]
ADDRESS
DATA
ALE
HWR/HRD Fig. 3.5.7 Direct Bus Timing
3.5.4 Interrupt MTL004 supports one interrupt output signal (IRQ) which can be programmed to provide SYNC related or function status related interrupts to the system. Upon receiving the interrupt request, Firmware needs to firstly check the interrupt event by reading the Interrupt Flag Control registers (Reg. E8h and E9h) to decide what events are happening. After the operation is finished, Firmware needs to clear interrupt status by writing the same registers Reg. E8h and E9h. Furthermore, by using the Interrupt Flag Enable registers (Reg. EAh and EBh), each interrupt event can be masked. 3.5.5 Bi-directional GPIO MTL004 supports four General Purpose Input and Output (GPIO) pins GPIO[3:0] on chip. The GPIO[3:0] pins are bi-directional GPIO pins. There are two functions for GPIO[1:0] pins. One is to set them as bi-directional GPIO pins, and the other is to set them as Composite decoded VSYNC/HSYNC for A/D converters in VGA input path. The data and I/O direction of GPIO[3:0] pins are respectively controlled by Reg. F4h and F5h, and each bit in registers is respectively mapped to GPIO[3:0] one by one. The following description is the process to control GPIO[0] and GPIO[2] in detail, and the control processes of GPIO[1] and GPIO[3] are also the same as follows respectively.
Bi-directional GPIO control process q Setting Reg. F5h/D2 = 0 or 1 to assign GPIO[2] as input or output. q Writing data to Reg. F4h/D2 when GPIO[2] is assigned to output status, otherwise reading data from Reg. F4h/D2 when GPIO[2] is input. ADVS/ADHS Output control process q Setting Reg. F5h/D0= 1 to assign GPIO[0] as output. q Setting Reg. F6h/D0 = 0 to select output source from Reg. F4h/D6 or setting it as 1 to make GPIO[0] pin to output ADHS which is HSYNC signal decoded from VGA input Composite signal by the MTL004. q Writing data to F4h/D0 when GPIO[0] is assigned to output only GPIO pin, that is, F6h/D0 = 0 and F5h/D0 = 0. If F6h/D0 is set to 1, the GPIO[0] pin outputs ADHS for AD converters in VGA input path.
3.5.6 Update Register Contents I/O write operation to some consecutive register set can have the "Double Buffer" effect by setting the Reg. C1h/D4. Written data is first stored in an intermediate bank of latches and then transferred to the active register set by setting Reg. C1h/D1-0.
Revision 0.95
- 16 -
2000/06/14
MYSON TECHNOLOGY
3.6 On-Chip PLL
MTL004
(Rev. 0.95)
General Description The MTL004 needs two clock sources to drive synchronous circuits on chip. These clocks are generated from the internal Phase Lock Loop (PLL) circuits with reference to the oscillator clock which is applied to pin XI and XO by an external quartz crystal at 14.31818 MHz. First one is the same as to the oscillator clock at frequency (14.31818 MHz) to detect and measure graphic vertical and horizontal SYNC Frequency, Polarity as well as Presence. The second is the display clock for display controller on chip and output signals to LCD panel. 3.6.1 Reference Clock It is the counting basis of counter values in SYNC Processor such as VS and HS period count registers; that is, the read back values from these registers must multiply the period of this clock to estimate VS and HS frequency. Incorporating with polarity and frequency information of VS and HS, it can show the input graphic image mode and pixel clock frequency. 3.6.2 Display Clock This clock is the synchronous clock for LCD panel. According to the LCD panel resolution of applications, the display clock range is from 50 MHz to 100 MHz by means of choosing a set of appropriate values for M, N as well as R. The formula used to calculate the desired frequency of display clock is as follows: fmclk = fosc5(M+2)/(N+2)51/R Where fmclk fosc M N R : the desired display clock : oscillator clock with 14.31818 MHz : post-divider ratio : pre-divider ratio : optional divider ratio
Revision 0.95
- 17 -
2000/06/14
MYSON TECHNOLOGY
4. REGISTER DESCRIPTION
INPUT CONTROL REGISTERS Address Mode Registers 00h R/W Input Image Vertical Active Line Start - Low 01h R/W Input Image Vertical Active Line Start - High 02h R/W Input Image Vertical Active Lines - Low 03h R/W Input Image Vertical Active Lines - High 04h 05h 06h 07h 10h 11h 12h 13h 14h 15h 16h 1Ah 1Ch 1Dh 1Fh 20h 21h R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W RO R/W R/W Input Image Horizontal Active Pixel Start - Low Input Image Horizontal Active Pixel Start - High Input Image Horizontal Active Pixels - Low Input Image Horizontal Active Pixels - High Input Image Control Register 0 Input Image Control Register 1 Input Image Control Register 2 Input Image Control Register 3 Input Image Control Register 4 Input Image Control Register 5 Input Image Control Register 6 Input Delay Control 2 HS1 Sample Window Forward Extend HS1 Sample Window Backward Extend Input Image Status Register Input Image Back Porch Guard Band Input Image Front Porch Guard Band
MTL004
(Rev. 0.95)
Reset value 20h 00h E0h 01h 8Bh 00h 80h 02h 00h 00h 00h 00h 00h 00h 00h 00h 00h 00h 00h 00h
FRAME SYNC REGISTERS Address Mode Registers 2Ch R/W Input Image Vertical Lock Position - Low 2Dh R/W Input Image Vertical Lock Position - High 2Eh R/W Input Image Horizontal Lock Position - Low 2Fh R/W Input Image Horizontal Lock Position - High AUTO CALIBRATION REGISTERS Address Mode 30h R/W Auto Calibration Control 0 31h R/W Auto Calibration Control 1 34h 35h 36h 37h 38h 39h 3Ah 3Bh 3Ch 3Dh 3Eh 3Fh 40h 41h Revision 0.95 RO RO RO RO RO RO RO RO RO RO RO RO R/W R/W
Reset value 22h 00h 00h 00h
Registers
Reset value 80h 00h 00h 00h 2000/06/14
Auto Calibration RED Value - Byte 0 Auto Calibration RED Value - Byte 1 Auto Calibration RED Value - Byte 2 Auto Calibration RED Value - Byte 3 Auto Calibration GREEN Value - Byte 0 Auto Calibration GREEN Value - Byte 1 Auto Calibration GREEN Value - Byte 2 Auto Calibration GREEN Value - Byte 3 Auto Calibration BLUE Value - Byte 0 Auto Calibration BLUE Value - Byte 1 Auto Calibration BLUE Value - Byte 2 Auto Calibration BLUE Value - Byte 3 Pixel Grab V Reference Position - Low Pixel Grab V Reference Position - High - 18 -
MYSON TECHNOLOGY
42h 43h 44h 45h 46h R/W R/W R/W R/W R/W Pixel Grab H Reference Position - Low Pixel Grab H Reference Position - High Histogram Reference Color - RED Histogram Reference Color - GREEN Histogram Reference Color - BLUE
MTL004
(Rev. 0.95)
00h 00h 00h 00h 00h
SYNC PROCESSOR REGISTERS Address Mode 48h R/W SYNC Processor Control 49h R/W Auto Position Control 4Ah 4Bh 4Ch 4Eh 4Fh 50h 51h 52h 53h 54h 55h 56h 57h 58h 59h 5Ah 5Bh 5Ch 5Dh 5Eh 5Fh R/W R/W R/W R/W R/W RO RO RO RO RO RO RO RO RO RO RO RO RO RO RO RO
Registers
Reset value 00h 00h 00h 00h 00h 00h 00h -
Auto Position Reference Color - RED Auto Position Reference Color - GREEN Auto Position Reference Color - BLUE Clamp Pulse Control 0 Clamp Pulse Control 1 Input VS Period Count by REFCLK - Low Input VS Period Count by REFCLK - High Input V Back Porch Count by Input HS - Low Input V Back Porch Count by Input HS - High Input V Active Lines Count by Input HS - Low Input V Active Lines Count by Input HS - High Input V Total Lines Count by Input HS - Low Input V Total Lines Count by Input HS - High Input HS Period Count by REFCLK - Low Input HS Period Count by REFCLK - High Input H Back Porch Count by Input Pixel Clock - Low Input H Back Porch Count by Input Pixel Clock - High Input H Active Pixels Count by Input Pixel Clock - Low Input H Active Pixels Count by Input Pixel Clock - High Input H Total Pixels Count by Input Pixel Clock - Low Input H Total Pixels Count by Input Pixel Clock - High
DISPLAY CONTROL REGISTERS Address Mode Registers 60h R/W Display Vertical Total - Low 61h R/W Display Vertical Total - High 62h R/W Display Vertical SYNC End- Low 63h R/W Display Vertical SYNC End - High 64h R/W Display Vertical Active Start - Low 65h R/W Display Vertical Active Start - High 66h R/W Display Vertical Active End - Low 67h R/W Display Vertical Active End - High 70h 71h 72h 73h 74h 75h 76h 77h Revision 0.95 R/W R/W R/W R/W R/W R/W R/W R/W Display Horizontal Total - Low Display Horizontal Total - High Display Horizontal SYNC End - Low Display Horizontal SYNC End - High Display Horizontal Active Start - Low Display Horizontal Active Start - High Display Horizontal Active End - Low Display Horizontal Active End - High - 19 -
Reset value 48h 03h 05h 00h 22h 00h 22h 03h 2Bh 05h 10h 00h 27h 01h 27h 05h 2000/06/14
MYSON TECHNOLOGY
7Fh 88h 89h 8Ah 90h 91h 92h 93h 94h 95h 9Fh A0h A1h A4h A5h A6h A7h A9h AAh ABh ACh ADh AEh AFh R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W RO RO RO RO NFB Timing Control Output Image Control Register 0 Output Image Control Register 1 Output Image Control Register 2 Color Gain Control - RED Color Gain Control - GREEN Color Gain Control - BLUE Brightness Control - RED Brightness Control - GREEN Brightness Control - BLUE Gamma Table Data Port OSD Control Register 0 OSD Control Register 1 Output Invert Control Output Tri-State Control Output Clocks Delay Adjustment Output Clocks Duty Cycle Adjustment Output Miscellaneous Control Output Vertical Line Number - Low Output Vertical Line Number - High Output Horizontal Total Pixel Number - Low Output Horizontal Total Pixel Number - High Output Horizontal Total Residue Number - Low Output Horizontal Total Residue Number - High
MTL004
(Rev. 0.95)
60h 01h 00h 00h 80h 80h 80h 00h 00h 00h 08h 00h 00h 00h 00h 00h 00h FFh 02h -
ZOOM CONTROL REGISTERS Address Mode B0h R/W Zoom Control Register 0 B1h R/W Zoom Control Register 1 B4h B5h B6h B7h BFh R/W R/W R/W R/W R/W Zoom Zoom Zoom Zoom
Registers
Reset value 66h 00h E0h 9Fh E8h 9Fh -
Vertical Scale Ratio - Low Vertical Scale Ratio - High Horizontal Scale Ratio - Low Horizontal Scale Ratio - High
Interpolation Table Data Port
HOST CONTROL REGISTERS Address Mode C1h R/W Host Control Register 1 CBh RO Host Access Mode Status CLOCK CONTROL REGISTERS Address Mode E0h R/W Clock Control Register E1h E2h E3h E6h Revision 0.95 WO R/W R/W R/W Clock Clock Clock Clock
Registers
Reset value 00h -
Registers
Reset value 00h 0Bh 32h 00h 2000/06/14
Synthesizer Value Load Synthesizer N Value Synthesizer M Value Synthesizer R Value - 20 -
MYSON TECHNOLOGY
INTERRUPT CONTROL REGISTERS Address Mode Registers E8h R/W SYNC Interrupt Flag Control E9h R/W General Interrupt Flag Control EAh R/W SYNC Interrupt Enable EBh R/W General Interrupt Enable ECh R/W HS Frequency Change interrupt Compare MISCELLANEOUS REGISTERS Address Mode Registers F1h R/W Power Management Control F4h F5h F6h R/W R/W R/W GPIO Control Register GPIO Direction Control GPIO Misc Control
MTL004
(Rev. 0.95)
Reset value 00h 00h 00h 00h 00h
Reset value 00h 00h 00h 00h
Input Image Vertical Active Line Start - Low (Address 00h) (R/W) It defines the low byte of the start position of the Vertical Active Window. D7-0 IV_ACT_START[7:0]
Input Image Vertical Active Line Start - High (Address 01h) (R/W) It defines the high byte of the start position of the Vertical Active Window. D7-3 D2-0 Reserved IV_ACT_START[10:8]
Input Image Vertical Active Lines - Low (Address 02h) (R/W) It defines the low byte of the number of active lines of the Vertical Active Window. D7-0 IV_ACT_LEN[7:0]
Input Image Vertical Active Lines - High (Address 03h) (R/W) It defines the high byte of the number of active lines of the Vertical Active Window. D7-3 D2-0 Reserved IV_ACT_LEN[10:8]
Input Image Horizontal Active Pixel Start - Low (Address 04h) (R/W) It defines the low byte of the start position of the Horizontal Active Window. D7-0 IH_ACT_START[7:0]
Input Image Horizontal Active Pixel Start - High (Address 05h) (R/W) It defines the high byte of the start position of the Horizontal Active Window. D7-3 Revision 0.95 Reserved - 21 2000/06/14
MYSON TECHNOLOGY
D2-0 IH_ACT_START[10:8]
MTL004
(Rev. 0.95)
Input Image Horizontal Active Pixels - Low (Address 06h) (R/W) It defines the low byte of the number of active pixels of the Horizontal Active Window. D7-0 IH_ACT_WIDTH[7:0]
Input Image Horizontal Active Pixels - High (Address 07h) (R/W) It defines the high byte of the number of active pixels of the Horizontal Active Window. D7-3 D2-0 Reserved IH_ACT_WIDTH[10:8]
Input Image Control Register 0 (Address 10h) (R/W) D7 D6 D5 Force to 0 Reserved Digital RGB 6 bit Mode 0: 8 bits 1: 6 bits Digital RGB Mode Select 0: RGB Input from ADC 1: RGB Input from Panel Link Force to 0 Reserved Force to 0 ADC Configuration 0: Double Pixel mode 1: Single Pixel mode
D4
D3 D2 D1 D0
Input Image Control Register 1 (Address 11h) (R/W) D7 D6-5 D4 Reserved Reserved De-interlace mode Select 0: Spatial Filtering write mode 1: Toggle Field write mode Reserved Reserved
D3-1 D0
Input Image Control Register 2 (Address 12h) (R/W)
Revision 0.95
- 22 -
2000/06/14
MYSON TECHNOLOGY
D7 Input ODD Field Invert 0: Normal 1: Invert External Input Interlace Select 0: Non-interlace 1: Interlace External Input VSYNC Polarity 0: Active Low 1: Active High External Input HSYNC Polarity 0: Active Low 1: Active High Input ODD Field Source 0: from Internal Detection 1: from External pin. Input Interlace Source 0: from Internal detection 1: from Register setting (D6) Input VSYNC Polarity Source 0: from Internal detection 1: from Register setting (D5) Input HSYNC Polarity Source 0: from Internal detection 1: from Register setting (D4)
MTL004
(Rev. 0.95)
D6
D5
D4
D3
D2
D1
D0
Input Image Control Register 3 (Address 13h) (R/W) D7 Active Position Area for Auto Position in TMDS 0: from Internal Detection 1: from External Data Enable (TDIE) Reserved Data Enable in TMDS Select 0: from Pin TDIE 1: from Pin RAWHS Sync On Green Select 0: Select Normal HSYNC/ Composite Sync 1: Select Sync On Green Input Vertical Timing based on VSYNC 0: Leading Edge 1: Trailing Edge Input Horizontal Timing based on HSYNC 0: Leading Edge 1: Trailing Edge
D6-4 D3
D2
D1
D0
Input Image Control Register 4 (Address 14h) (R/W) Revision 0.95 - 23 2000/06/14
MYSON TECHNOLOGY
D7 Input ODD Field Detection Point 0: at the start of VSYNC pulse. 1: at the end of VSYNC pulse. Input Image Port A, B Data and Clocks Swap 0: Normal 1: Swap Reserved Reserved Input Image Port A, B V/H SYNC Swap 0: Normal 1: Swap Reserved
MTL004
(Rev. 0.95)
D6
D5 D4 D3
D2-0
Input Image Control Register 5 (Address 15h) (R/W) D7 Horizontal Pixel Valid Select 0: from Internal Programming 1: from External HREF/TDIE Reserved
D6-0
Input Image Control Register 6 (Address 16h) (R/W) D7 Bit Order in Port B 0: Normal 1: Reverse Bit Order in Port A 0: Normal 1: Reverse Flush Line Buffer Enable 0: Disable 1: Enable Reserved ADC HS Polarity Invert when D1=1 0: Active Low 1: Active High Raw HS path Enable 0: Disable 1: Enable Input Image Port Selection in Single Pixel mode (For Double Pixel mode, this bit has no function.) 0: Port A 1: Port B
D6
*D5
D4-3 D2
D1
D0
Input Delay Control 2 (Address 1Ah) (R/W) Revision 0.95 - 24 2000/06/14
MYSON TECHNOLOGY
D7-4 Input VSYNC Delay Adjustment 1111: 15ns gate delay 1110: 14ns gate delay 1101: 13ns gate delay 1100: 12ns gate delay 1011: 3 IDCLKs delay 1010: 2 IDCLKs delay 1001: 1 IDCLK delay 1000: 8ns gate delay 0111: 7ns gate delay 0110: 6ns gate delay 0101: 5ns gate delay 0100: 4ns gate delay 0011: 3ns gate delay 0010: 2ns gate delay 0001: 1ns gate delay 0000: No delay Input HSYNC Delay Adjustment 16 steps to change, each of them is 1ns delay/step.
MTL004
(Rev. 0.95)
D3-0
Input HS Pulse Width Forward Extend (Address 1Ch) (R/W) D7-0 Input HS Pulse Width Forward Extend by IDCLK HS1FWEXT[7:0]: Used when Interlace First/Second Field Detection.
Input HS Pulse Width Backward Extend (Address 1Dh) (R/W) D7-0 Input HS Pulse Width Backward Extend by IDCLK HS1BWEXT[7:0]: Used when Interlace First/Second Field Detection.
Input Image Status Register (Address 1Fh) (RO) D7 Display VSYNC Monitor Show Display VSYNC signal directly. Input VSYNC Monitor Show Input VSYNC signal directly. External Input Interlace Status 0: Non-interlace 1: Interlace Extracted CVSYNC Present Status 0: Not Present 1: Present External Input VSYNC Present Status 0: Not Present 1: Present External Input HSYNC Present Status 0: Not Present 1: Present External Input VSYNC Polarity Status - 25 2000/06/14
D6
D5
D4
D3
D2
D1 Revision 0.95
MYSON TECHNOLOGY
0: Active Low 1: Active High D0 External Input HSYNC Polarity Status 0: Active Low 1: Active High
MTL004
(Rev. 0.95)
Input Image Back Porch Guard Band (Address 20h) (R/W) D7-0 Input Image Back Porch Guard Band by IDCLK HBPGB[7:0]: Used in Auto Position detection to mask out unwanted data.
Input Image Front Porch Guard Band (Address 21h) (R/W) D7-0 Input Image Front Porch Guard Band by IDCLK HFPGB[7:0]: Used in Auto Position detection to mask out unwanted data.
Input Image Vertical Lock Position - Low (Address 2Ch) (R/W) It defines the low byte of the number of input lines where Display image timing synchronizes the input image source. D7-0 IPV_LOCK_POS[7:0]
Input Image Vertical Lock Position - High (Address 2Dh) (R/W) It defines the high byte of the number of input lines where Display image timing synchronizes the input image source. D7-3 D2-0 Reserved IPV_LOCK_POS[10:8]
Input Image Horizontal Lock Position - Low (Address 2Eh) (R/W) It defines the low byte of the number of input pixel clocks where Display image timing synchronizes the input image source. D7-0 IPH_LOCK_POS[7:0]
Input Image Horizontal Lock Position - High (Address 2Fh) (R/W) It defines the high byte of the number of input pixel clocks where Display image timing synchronizes the input image source. D7-3 D2-0 Reserved IPH_LOCK_POS[10:8]
Auto Calibration Control 0 (Address 30h) (R/W) D7 Pixel Grab Ready Flag (RO) 0: Ready 1: Not Ready Pixel Grab Update Enable 0: Stop updating - 26 2000/06/14
D6
Revision 0.95
MYSON TECHNOLOGY
1: Continue updating D5 Threshold Select Used in Histogram mode or MIN/MAX mode. 0: High bound / MAX 1: Low bound / MIN Phase Calibration Method Select 0: MYSON proprietary method 1: Difference Value method Auto Calibration Modes Select The measured value is available one item at a time, selected as shown: 00: Phase Calibration Mode 01: Histogram Mode 10: MIN/MAX Mode 11: Pixel Grab Mode Auto Calibration Burst Mode Enable (except Pixel Grab Mode) 0: Single Mode 1: Burst Mode Auto Calibration Enable (W) (except Pixel Grab Value) 0: Disable 1: Enable Auto Calibration Ready Flag (R) 0: Ready 1: Not Ready
MTL004
(Rev. 0.95)
D4
D3-2
D1
D0
Auto Calibration Control 1 (Address 31h) (R/W) D7-3 D2-0 Reserved Mask LSBs of Input Image Select It is used only for Phase Calibration to mask noise. 000: No Mask 001: Mask bit0 010: Mask bit0,1 011: Mask bit0,1,2 100: Mask bit0,1,2,3 101: Mask bit0,1,2,3,4 110: Mask bit0,1,2,3,4,5 111: Mask bit0,0,1,2,3,4,5,6
Auto Calibration RED Value - Byte 0 (Address 34h) (RO) It states the byte 0 of the number of Phase Calibration RED value in one frame or the byte 0 of the number of Histogram Red value in one frame or the Pixel Grab RED value in one frame of Non_interlace mode or FIRST field of Interlace mode. D7-0 CALVAL_R[7:0]
Auto Calibration RED Value - Byte 1 (Address 35h) (RO)
Revision 0.95
- 27 -
2000/06/14
MYSON TECHNOLOGY
MTL004
(Rev. 0.95)
It states the byte 1 of the number of Phase Calibration RED value in one frame or the byte 1 of the number of Histogram Red value in one frame or the Pixel Grab GREEN value in one frame of Non_interlace mode or FIRST field of Interlace mode. D7-0 CALVAL_R[15:8]
Auto Calibration RED Value - Byte 2 (Address 36h) (RO) It states the byte 2 of the number of Phase Calibration RED value in one frame or the byte 2 of the number of Histogram Red value in one frame or the Pixel Grab BLUE value in one frame of Non_interlace mode or FIRST field of Interlace mode. D7-0 CALVAL_R[23:16]
Auto Calibration RED Value - Byte 3 (Address 37h) (RO) It states the byte 3 of the number of Phase Calibration RED value in one frame. D7-6 D5-0 Reserved CALVAL_R[29:24]
Auto Calibration GREEN Value - Byte 0 (Address 38h) (RO) It states the byte 0 of the number of Phase Calibration GREEN value in one frame or the byte 0 of the number of Histogram GREEN value in one frame or the Pixel Grab RED value in SECOND field of Interlace mode. D7-0 CALVAL_G[7:0]
Auto Calibration GREEN Value - Byte 1 (Address 39h) (RO) It states the byte 1 of the number of Phase Calibration GREEN value in one frame or the byte 1 of the number of Histogram GREEN value in one frame or the Pixel Grab GREEN value in SECOND field of Interlace mode. D7-0 CALVAL_G[15:8]
Auto Calibration GREEN Value - Byte 2 (Address 3Ah) (RO) It states the byte 2 of the number of Phase Calibration GREEN value in one frame or the byte 2 of the number of Histogram GREEN value in one frame or the Pixel Grab BLUE value in SECOND field of Interlace mode. D7-0 CALVAL_G[23:16]
Auto Calibration GREEN Value - Byte 3 (Address 3Bh) (RO) It states the byte 3 of the number of Phase Calibration GREEN value in one frame. D7-6 D5-0 Reserved CALVAL_G[29:24]
Auto Calibration BLUE Value - Byte 0 (Address 3Ch) (RO) It states the byte 0 of the number of Phase Calibration BLUE value in one frame or Revision 0.95 - 28 2000/06/14
MYSON TECHNOLOGY
the byte 0 of the number of Histogram BLUE value in one frame or the MIN/MAX RED value in one frame. D7-0 CALVAL_B[7:0]
MTL004
(Rev. 0.95)
Auto Calibration BLUE Value - Byte 1 (Address 3Dh) (RO) It states the byte 1 of the number of Phase Calibration BLUE value in one frame or the byte 1 of the number of Histogram BLUE value in one frame or the MIN/MAX GREEN value in one frame. D7-0 CALVAL_B[15:8]
Auto Calibration BLUE Value - Byte 2 (Address 3Eh) (RO) It states the byte 2 of the number of Phase Calibration BLUE value in one frame or the byte 2 of the number of Histogram BLUE value in one frame or the MIN/MAX BLUE value in one frame. D7-0 CALVAL_B[23:16]
Auto Calibration BLUE Value - Byte 3 (Address 3Fh) (RO) It states the byte 3 of the number of Phase Calibration BLUE value in one frame. D7-6 D5-0 Reserved CALVAL_B[29:24]
Pixel Grab V Reference Position - Low (Address 40h) (R/W) It states the low byte of Vertical Reference Position in Pixel Grab Mode. D7-0 VGRAB_POS[7:0]
Pixel Grab V Reference Position - High (Address 41h) (R/W) It states the high byte of Vertical Reference Position in Pixel Grab Mode. D7-3 D2-0 Reserved VGRAB_POS[10:8]
Pixel Grab H Reference Position - Low (Address 42h) (R/W) It states the low byte of Horizontal Reference Position in Pixel Grab Mode. D7-0 HGRAB_POS[7:0]
Pixel Grab H Reference Position - High (Address 43h) (R/W) It states the high byte of Horizontal Reference Position in Pixel Grab Mode. D7-3 D2-0 Reserved HGRAB_POS[10:8]
Revision 0.95
- 29 -
2000/06/14
MYSON TECHNOLOGY
Histogram Reference Color - RED (Address 44h) (R/W) It states the Histogram Reference RED Color in Histogram Mode. D7-0 HIST_R[7:0]
MTL004
(Rev. 0.95)
Histogram Reference Color - GREEN (Address 45h) (R/W) It states the Histogram Reference GREEN Color in Histogram Mode. D7-0 HIST_G[7:0]
Histogram Reference Color - BLUE (Address 46h) (R/W) It states the Histogram Reference BLUE Color in Histogram Mode. D7-0 HIST_B[7:0]
SYNC Processor Control (Address 48h) (R/W) D7-2 D1-0 Reserved SYNC Source 00: from H/V SYNC 01: from CVSYNC (Composite SYNC) 1x: Auto switch to CVSYNC when CVSYNC is present, but VSYNC not.
Auto Position Control (Address 49h) (R/W) D7-2 D1 Reserved Auto Position Burst Mode Enable 0: Single Mode 1: Burst Mode Auto Position Enable (W) 0: Disable 1: Enable Auto Position Ready Flag (R) 0: Ready 1: Not Ready
D0
Auto Position Reference Color - RED (Address 4Ah) (R/W) It defines the red component color for selecting between black and non-black pixels. D7-0 REF_COLOR_RED[7:0]
Auto Position Reference Color - GREEN (Address 4Bh) (R/W) It defines the green component color for selecting between black and non-black pixels. D7-0 REF_COLOR_GREEN[7:0]
Auto Position Reference Color - BLUE (Address 4Ch) (R/W) Revision 0.95 - 30 2000/06/14
MYSON TECHNOLOGY
It defines the blue component color for selecting between black and non-black pixels. D7-0 REF_COLOR_BLUE[7:0]
MTL004
(Rev. 0.95)
Clamp Pulse Control 0 (Address 4Eh) (R/W) D7 Clamp Pulse Mask 0: Normal 1: Mask out Clamp Pulse Clamp Pulse Start Reference Edge 0: From Input HSYNC trailing edge. 1: From Input HSYNC leading edge. Clamp Pulse output Polarity 0: Active High 1: Active Low Clamp Pulse Start Start of Clamp Pulse after the selected edge of Input HSYNC by Input DCLK.
D6
D5
D4-0
Clamp Pulse Control 1 (Address 4Fh) (R/W) D7-5 D4-0 Reserved Clamp Pulse Width To Adjust Clamp Pulse Width by Input DCLK.
Input VS Period Count by REFCLK - Low (Address 50h) (RO) It states the low byte of the number of REFCLK of the Vertical Sync period measurement. D7-0 VSPRD[7:0]
Input VS Period Count by REFCLK - High (Address 51h) (RO) It states the high byte of the number of REFCLK of the Vertical Sync period measurement. D7-4 D3-0 Reserved VSPRD[11:8]
Input V Back Porch Count by Input HS - Low (Address 52h) (RO) It states the low byte of the number of lines between the end of VSYNC and the active image. D7-0 VBPW[7:0]
Input V Back Porch Count by Input HS - High (Address 53h) (RO) It states the high byte of the number of lines between the end of VSYNC and the active image D7-3 D2-0 Reserved VBPW[10:8]
Revision 0.95
- 31 -
2000/06/14
MYSON TECHNOLOGY
Input V Active Image Count by Input HS - Low (Address 54h) (RO) It states the low byte of the number of the active image lines. D7-0 VACTW[7:0]
MTL004
(Rev. 0.95)
Input V Active Image Count by Input HS - High (Address 55h) (RO) It states the high byte of the number of the active image lines D7-3 D2-0 Reserved VACTW[10:8]
Input V Total Image Count by Input HS - Low (Address 56h) (RO) It states the low byte of the number of the total image lines. D7-0 VTOTW[7:0]
Input V Total Image Count by Input HS - High (Address 57h) (RO) It states the high byte of the number of the total image lines. D7-3 D2-0 Reserved VTOTW[10:8]
Input HS Period Count by REFCLK - Low (Address 58h) (RO) It states the low byte of the number of REFCLKs of the Horizontal Sync period measurement. D7-0 HSPRD[7:0]
Input HS Period Count by REFCLK - High (Address 59h) (RO) It states the high byte of the number of REFCLKs of the Horizontal Sync period measurement. D7-5 D4-0 Reserved HSPRD[12:8]
Input H Back Porch Count by Input Pixel Clock -Low (Address 5Ah) (RO) It states the low byte of the number of pixels between the end of HSYNC and the active image. D7-0 HBPW[7:0]
Input H Back Porch Count by Input Pixel Clock -High (Address 5Bh) (RO) It states the high byte of the number of pixels between the end of HSYNC and the active image. D7-3 D2-0 Reserved HBPW[10:8]
Input H Active Image Count by Input Pixel Clock-Low(Address 5Ch) (RO) Revision 0.95 - 32 2000/06/14
MYSON TECHNOLOGY
It states the low byte of the number of the Horizontal active image pixels. D7-0 HACTW[7:0]
MTL004
(Rev. 0.95)
Input H Active Image Count by Input Pixel Clock-High(Address 5Dh)(RO) It states the high byte of the number of the Horizontal active image pixels. D7-3 D2-0 Reserved HACTW[10:8]
Input H Total Image Count by Input Pixel Clock- Low (Address 5Eh) (RO) It states the low byte of the number of the Horizontal total image pixels. D7-0 HTOTW[7:0]
Input H Total Image Count by Input Pixel Clock- High (Address 5Fh) (RO) It states the high byte of the number of the Horizontal total image pixels. D7-3 D2-0 Reserved HTOTW[10:8]
Display Vertical Total - Low (Address 60h) (R/W) It defines the low byte of the number of lines per display frame. D7-0 DV_TOTAL[7:0]
Display Vertical Total - High (Address 61h) (R/W) It defines the high byte of the number of lines per display frame. D7-3 D2-0 Reserved DV_TOTAL[10:8]
Display Vertical SYNC End - Low (Address 62h) (R/W) It defines the low byte of Vertical SYNC end position in lines. D7-0 DV_SYNC_END[7:0]
Display Vertical SYNC End - High (Address 63h) (R/W) It defines the high byte of Vertical SYNC end position in lines. D7-3 D2-0 Reserved DV_SYNC_END[10:8]
Note: Display Vertical SYNC Start is always equal 0.
Revision 0.95
- 33 -
2000/06/14
MYSON TECHNOLOGY
Display Vertical Active Start - Low (Address 64h) (R/W) It defines the low byte of Vertical Active region start position in lines. D7-0 DV_ACT_START[7:0]
MTL004
(Rev. 0.95)
Display Vertical Active Start - High (Address 65h) (R/W) It defines the high byte of Vertical Active region start position in lines. D7-3 D2-0 Reserved DV_ACT_START[10:8]
Display Vertical Active End - Low (Address 66h) (R/W) It defines the low byte of Vertical Active region end position in lines. D7-0 DV_ACT_END[7:0]
Display Vertical Active End - High (Address 67h) (R/W) It defines the high byte of Vertical Active region end position in lines. D7-3 D2-0 Reserved DV_ACT_END[10:8]
Display Horizontal Total - Low (Address 70h) (R/W) It defines the low byte of the number of display clock cycles per display line. D7-0 DH_TOTAL[7:0]
Display Horizontal Total - High (Address 71h) (R/W) It defines the high byte of the number of display clock cycles per display line. D7-3 D2-0 Reserved DH_TOTAL[10:8]
Display Horizontal SYNC End - Low (Address 72h) (R/W) It defines the low byte of Horizontal SYNC end position in display clock cycles. D7-0 DH_SYNC_END[7:0]
Display Horizontal SYNC End - High (Address 73h) (R/W) It defines the high byte of Horizontal SYNC end position in display clock cycles. D7-3 D2-0 Reserved DH_SYNC_END[10:8]
Note: Display Horizontal SYNC Start is always equal 0. Revision 0.95 - 34 2000/06/14
MYSON TECHNOLOGY
Display Horizontal Active Start - Low (Address 74h) (R/W) It defines the low byte of Horizontal Active region start position in display clock cycles. D7-0 DH_ACT_START[7:0]
MTL004
(Rev. 0.95)
Display Horizontal Active Start - High (Address 75h) (R/W) It defines the high byte of Horizontal Active region start position in display clock cycles. D7-3 D2-0 Reserved DH_ACT_START[10:8]
Display Horizontal Active End - Low (Address 76h) (R/W) It defines the low byte of Horizontal Active region end position in display clock cycles. D7-0 DH_ACT_END[7:0]
Display Horizontal Active End - High (Address 77h) (R/W) It defines the high byte of Horizontal Active region end position in display clock cycles. D7-3 D2-0 Reserved DH_ACT_END[10:8]
NFB Timing Control (Address 7Fh) It defines the NFB timing setting. D7-0 Free Running mode Select 60h: Normal 80h: Free Running
Output Image Control Register 0 (Address 88h) (R/W) D7-5 D4 Reserved OUTPUT port MSB / LSB Exchange 0: No Exchange 1: Exchange Reserved Output Pixel 18 bit RGB Mode Select 0: 24 bit RGB 1: 18 bit RGB Output Dual Pixel Data Exchange 0: Normal 1: Exchange Output Dual Pixel Select 0: Dual Pixel - 35 2000/06/14
D3 D2
D1
D0
Revision 0.95
MYSON TECHNOLOGY
1: Single Pixel Output Image Control Register 1 (Address 89h) (R/W) D7-6 D5 Reserved RGB Brightness Control Enable 0: Disable 1: Enable RGB Gain Control Enable 0: Disable 1: Enable Reserved Border Window Function 0: OFF 1: ON Output Blank Screen 0: Normal 1: Output Pixel masked as BLACK color
MTL004
(Rev. 0.95)
D4
D3-2 D1
D0
Output Image Control Register 2 (Address 8Ah) (R/W) D7 D6 Reserved Temporal Dithering Enable 0: Static Dithering 1: Temporal Dithering Reserved Dithering Enable 0: Disable 1: Enable Reserved Gamma Table R/W Access Enable 0: Disable 1: Enable Gamma Correction Function 0: OFF 1: ON
D5 D4
D3-2 D1
D0
Color Gain Control - RED (Address 90h) (R/W) It can be used to adjust the gain of RED component of the Display Image. D7-0 RGAIN[7:0] 0(00h) ~ x1(80h) ~ x1.992185(FFh)
Color Gain Control - GREEN (Address 91h) (R/W)
Revision 0.95
- 36 -
2000/06/14
MYSON TECHNOLOGY
It can be used to adjust the gain of GREEN component of the Display Image. D7-0 GGAIN[7:0] 0(00h) ~ x1(80h) ~ x1.992185(FFh)
MTL004
(Rev. 0.95)
Color Gain Control - BLUE (Address 92h) (R/W) It can be used to adjust the gain of BLUE component of the Display Image. D7-0 BGAIN[7:0] 0(00h) ~ x1(80h) ~ x1.992185(FFh)
Color Brightness Control - RED (Address 93h) (R/W) It can be used to adjust the brightness of RED component of the Display Image. D7-0 RBRIGHT[7:0] -128(80h) ~ 0(00h) ~127(7Fh)
Color Brightness Control - GREEN (Address 94h) (R/W) It can be used to adjust the brightness of GREEN component of the Display Image. D7-0 GBRIGHT[7:0] -128(80h) ~ 0(00h) ~127(7Fh)
Color Brightness Control - BLUE (Address 95h) (R/W) It can be used to adjust the brightness of BLUE component of the Display Image. D7-0 BBRIGHT[7:0] -128(80h) ~ 0(00h) ~127(7Fh)
Border Window Color - RED (Address 96h) (R/W) When the Display Image is not expanded to full screen, it can be specified as the RED component of the border color. D7-0 BCR[7:0]
Border Window Color - GREEN (Address 97h) (R/W) When the Display Image is not expanded to full screen, it can be specified as the GREEN component of the border color. D7-0 BCG[7:0]
Border Window Color - BLUE (Address 98h) (R/W) When the Display Image is not expanded to full screen, it can be specified as the BLUE component of the border color. D7-0 BCB[7:0]
Gamma Table Data Port (Address 9Fh) (R/W) Since the Gamma Table is downloadable, this data port is the entry address. Revision 0.95 - 37 2000/06/14
MYSON TECHNOLOGY
D7-0 GAMMA_PORT[7:0]
MTL004
(Rev. 0.95)
OSD Control Register 0 (Address A0h) (R/W) D7 OSD Output Clock Select 0: from Internal Display Dot Clock 1: from Internal Display Dot Clock x 2 Reserved OSD Function 0: OFF 1: ON OSD Intensity Enable (For MOTOROLA) 0: Disable 1: Enable OSD TYPE Select 00: OSDRGB = {R0000000, G0000000, B0000000} 01: OSDRGB = {RR000000, GG000000, BB000000} 10: OSDRGB = {RRRR0000, GGGG0000, BBBB0000} 11: OSDRGB = {RRRRRRRR, GGGGGGGG, BBBBBBBB} R = OSDR, G = OSDG, B = OSDB
D6-4 D3
D2
D1-0
OSD Control Register 1 (Address A1h) (R/W) D7 OSD Output HS Invert 0: Normal 1: Invert. OSD Output DCLK Invert 0: Normal 1: Invert. OSD Output HS Delay 4 steps to change, each of them is 1ns delay/step. OSD Input Data Sample Clock Invert 0: Normal. 1: Invert. OSD Input Data Sample Clock Delay 8 steps to change, each of them is 1ns delay/step.
D6
D5-4
D3
D2-0
Output Invert Control (Address A4h) (R/W) D7 D6 Reserved RGB Data Invert Enable 0: Disable 1: Enable Display DHCLK Invert 0: Normal 1: Invert - 38 2000/06/14
D5
Revision 0.95
MYSON TECHNOLOGY
D4 Display DCLK Invert 0: Normal 1: Invert Reserved Display Data Enable (DDEN) Invert 0: Normal 1: Invert Display VSYNC Invert 0: Normal 1: Invert Display HSYNC Invert 0: Normal 1: Invert
MTL004
(Rev. 0.95)
D3 D2
D1
D0
Output Tri_state Control (Address A5h) (R/W) D7 Display Data R2OUT, G2OUT, B2OUT Output Disable 0: Normal 1: Tri_stated Display Data R1OUT, G1OUT, B1OUT Output Disable 0: Normal 1: Tri_stated Display DHCLK Output Disable 0: Normal 1: Tri_stated Display DCLK Output Disable 0: Normal 1: Tri_stated OSD OCLK / OVSYNC / OHSYNC Output Disable 0: Normal 1: Tri_stated Display Data Enable (DDEN) Output Disable 0: Normal 1: Tri_stated Display VSYNC Output Disable 0: Normal 1: Tri_stated Display HSYNC Output Disable 0: Normal 1: Tri_stated
D6
D5
D4
D3
D2
D1
D0
Output Clocks Delay Adjustment (Address A6h) (R/W) D7-4 Display DHCLK delay adjustment 16 steps to adjust, Typical 1ns delay/step - 39 2000/06/14
Revision 0.95
MYSON TECHNOLOGY
D3-0 Display DCLK delay adjustment 16 steps to adjust, Typical 1ns delay/step
MTL004
(Rev. 0.95)
Output Clocks Duty Cycle Adjustment (Address A7h) (R/W) D7 Display DHCLK duty cycle Increase/Decrease 0: Decrease 1: Increase Display DHCLK duty cycle adjustment 8 steps to adjust, Typical 0.5ns delay/step Display DCLK duty cycle Increase/Decrease 0: Decrease 1: Increase Display DCLK duty cycle adjustment 8 steps to adjust, Typical 0.5ns delay/step
D6-4
D3
D2-0
Output Miscellaneous Control (Address A9h) (R/W) D7 Second field Line Buffer Overflow status for Interlace input (RO) 0: Not Overflow 1: Overflow Second field Line Buffer Underflow status for Interlace input (RO) 0: Not Underflow 1: Underflow First field Line Buffer Overflow status for Interlace input or Line buffer Overflow status for Non-interlace input (RO) 0: Not Overflow 1: Overflow First field Line Buffer Underflow status for Interlace input or Line Buffer Overflow status for Non-interlace input (RO) 0: Not Underflow 1: Underflow Auto Output Horizontal Total Calculation Start (W) 0: Disable 1: Enable Auto Output Horizontal Total Calculation Ready Flag (R) 0: Ready 1: Not Ready Reserved
D6
D5
D4
D3
D2-0
Output Vertical Active Line Number - Low (Address AAh) (R/W) It defines the low byte of Output Vertical Active Line Number only used for getting the values of Reg. ACh and ADh. D7-0 OVDE[7:0]
Output Vertical Active Line Number - High (Address ABh) (R/W) Revision 0.95 - 40 2000/06/14
MYSON TECHNOLOGY
MTL004
(Rev. 0.95)
It defines the high byte of Output Vertical Active Line Number only used for getting the values of Reg. ACh and ADh. D1-0 OVDE[9:8]
Output Horizontal Total Pixel Number - Low (Address ACh) (RO) It states the low byte of Output Horizontal Total Pixel Number. D7-0 OHTOT[7:0]
Output Horizontal Total Pixel Number - High (Address ADh) (RO) It states the high byte of Output Horizontal Total Pixel Number. D2-0 OHTOT[10:8]
Output Horizontal Total Residue Number - Low (Address AEh) (RO) It states the low byte of Output Horizontal Total Pixel Residue Number. D7-0 OHTOT_RES[7:0]
Output Horizontal Total Residue Number - High (Address AFh) (RO) It states the high byte of Output Horizontal Total Pixel Residue Number. D1-0 OHTOT_RES[9:8]
Zoom Control Register 0 (Address B0h) (R/W) D7 D6-4 Reserved Vertical Scale Select 0XX: PASS mode 10X: DUPLICATE mode 110: BILINEAR mode 111: INTERPOLATION TABLE mode Reserved Horizontal Scale Select 0xx: PASS mode 10x: DUPLICATE mode 110: BILINEAR mode 111: INTERPOLATION TABLE mode
D3 D2-0
Zoom Control Register 1 (Address B1h) (R/W) D7-1 *D3 Reserved Horizontal Zoom Factor mode 0: Uniform Scale mode 1: Extension Boundary Scale mode Vertical Zoom Factor mode - 41 2000/06/14
*D2 Revision 0.95
MYSON TECHNOLOGY
0: Uniform Scale mode 1: Extension Boundary Scale mode D0 Interpolation Table R/W Access Enable 0: Disable 1: Enable
MTL004
(Rev. 0.95)
Zoom Vertical Scale Ratio - Low (Address B4h) (R/W) It defines the low byte of vertical scale ratio value for scale up. D7-0 ZVSF[7:0]
Zoom Vertical Scale Ratio - High (Address B5h) (R/W) It defines the low byte of vertical scale ratio value for scale up. D7-0 ZVSF[15:8]
ZVSF = CEIL[(input_height - 1) / (output_height - 1) *216] for Uniform Scale mode ZVSF = CEIL[(input_height / output_height) *216] for Extension Boundary Scale mode Zoom Horizontal Scale Ratio - Low (Address B6h) (R/W) It defines the low byte of horizontal scale ratio value for scale up. D7-0 ZHSF[7:0]
Zoom Horizontal Scale Ratio - High (Address B7h) (R/W) It defines the high byte of horizontal scale ratio value for scale up. D7-0 ZHSF[15:8]
ZHSF = CEIL[(input_width - 1) / (output_width - 1) *216] for Uniform Scale mode ZHSF = CEIL[(input_width / output_width) *216] for Extension Boundary Scale mode Interpolation Table Data Port (Address BFh) (R/W) It defines the entry address of the Interpolation table data port. D7-0 TFPORT[7:0]
Host Control Register 1 (Address C1h) (R/W) D7 D6 Reserved I2C Bus Address No Increment 0: Normal 1: No Increment Double Buffer load Select 0: Immediately 1: Delay to Display VSYNC Registers Double Buffer function Enable 0: Disable - 42 2000/06/14
D5
D4
Revision 0.95
MYSON TECHNOLOGY
1: Enable D3-2 D1 D0 Reserved Display Registers Double Buffer Load (WO) Input Registers Double Buffer Load (WO)
MTL004
(Rev. 0.95)
Host Access Mode Status (Address CBh) (RO) D7-2 D1-0 Reserved Host Access Mode 0x: 3-wire Serial mode 10: 2-wire Serial mode (IIC) 11: 8-bit Parallel mode
Clock Synthesizer Control Register (Address E0h) (R/W) D7-0 Display Clock Selection 40h: Internal Display Clock (PLL) Note: Reg. F1h/D3 must be 1. 25h: External Display Clock 1 A5h: External Display Clock 2
Clock Synthesizer Value Load (Address E1h) (WO) D7-1 D0 Reserved Display Clock Synthesizer Value Load (WO)
Display Clock Synthesizer N Value (Address E2h) (R/W) D7-0 Display Clock Synthesizer N value
Display Clock Synthesizer M Value (Address E3h) (R/W) D7-0 Display Clock Synthesizer M value
Clock Synthesizer R Value (Address E6h) (R/W) D7 D6-4 Reserved REFCLK Clock Divider value 000: No divided 001: Divided by 2 010: Divided by 4 011: Divided by 8 100: Divided by 3 101: Divided by 6 110: Divided by 12 111: Divided by 24 Reserved Display Clock Synthesizer R value 00: No divided - 43 2000/06/14
D3-2 D1-0
Revision 0.95
MYSON TECHNOLOGY
01: Divided by 2 1x: Divided by 4 SYNC Interrupt Flag Control (Address E8h) (R) It contains the status of SYNC Interrupts. D7 Display VSYNC Pulse Interrupt Status 0: No Display VSYNC pulse detected 1: Any Display VSYNC pulse detected Input VSYNC Pulse Interrupt Status 0: No Input VSYNC pulse detected 1: Any Input VSYNC pulse detected VSYNC Presence Change Status 0: No Change 1: Change HSYNC Presence Change Status 0: No Change 1: Change VSYNC Polarity Change Status 0: No Change 1: Change HSYNC Polarity Change Status 0: No Change 1: Change VSYNC Frequency Change Status 0: No Change 1: Change HSYNC Frequency Change Status 0: No Change 1: Change
MTL004
(Rev. 0.95)
D6
D5
D4
D3
D2
D1
D0
SYNC Interrupt Flag Control (Address E8h) (W) It is used to clear the corresponding SYNC interrupt signal when Software finishes serving the interrupt service routine. D7 Clear Display VSYNC Pulse Interrupt Enable 0: Disable 1: Enable Clear Input VSYNC Pulse Interrupt Enable 0: Disable 1: Enable Clear VSYNC Presence Change Interrupt Enable 0: Disable 1: Enable Clear HSYNC Presence Change Interrupt Enable - 44 2000/06/14
D6
D5
D4 Revision 0.95
MYSON TECHNOLOGY
0: Disable 1: Enable D3 Clear VSYNC Polarity Change Interrupt Enable 0: Disable 1: Enable Clear HSYNC Polarity Change Interrupt Enable 0: Disable 1: Enable Clear VSYNC Frequency Change Interrupt Enable 0: Disable 1: Enable Clear HSYNC Frequency Change Interrupt Enable 0: Disable 1: Enable
MTL004
(Rev. 0.95)
D2
D1
D0
General Interrupt Flag Control (Address E9h) (R) It contains the status of General Interrupts. D7-3 D2 D1 Reserved Reserved Auto Position Finish Status (valid for Single mode only) 0: Not Finish 1: Finish Auto Calibration Finish Status (valid for Single mode only) 0: Not Finish 1: Finish
D0
General Interrupt Flag Control (Address E9h) (W) It is used to clear the corresponding general interrupt signal when Software finishes serving the interrupt service routine. D7-3 D2 D1 Reserved Reserved Clear Auto Position Finish Interrupt Enable 0: Disable 1: Enable Clear Auto Calibration Finish Interrupt Enable 0: Disable 1: Enable
D0
SYNC Interrupt Flag Enable (Address EAh) (R/W) It is used to enable SYNC Interrupt function. D7 Revision 0.95 Display VSYNC Pulse Interrupt Enable - 45 2000/06/14
MYSON TECHNOLOGY
0: Disable 1: Enable D6 Input VSYNC Pulse Interrupt Enable 0: Disable 1: Enable VSYNC Presence Change Interrupt Enable 0: Disable 1: Enable HSYNC Presence Change Interrupt Enable 0: Disable 1: Enable VSYNC Polarity Change Interrupt Enable 0: Disable 1: Enable HSYNC Polarity Change Interrupt Enable 0: Disable 1: Enable VSYNC Frequency Change Interrupt Enable 0: Disable 1: Enable HSYNC Frequency Change Interrupt Enable 0: Disable 1: Enable
MTL004
(Rev. 0.95)
D5
D4
D3
D2
D1
D0
General Interrupt Flag Enable (Address EBh) (R/W) It is used to enable General Interrupt functions. D7-3 D2 D1 Reserved Reserved Auto Position Finish Interrupt Enable 0: Disable 1: Enable Auto Calibration Finish Interrupt Enable 0: Disable 1: Enable
D0
HS Frequency Change Interrupt Compare (Address ECh) (R/W) It is used to control Interrupt generation by comparing the frequency change value when Input HS Frequency Changes. D7-0 HSCMPREG[7:0]
Power Management Control (Address F1h) (R/W) D7 Revision 0.95 Reserved - 46 2000/06/14
MYSON TECHNOLOGY
D6 Power Down Gamma & Interpolation Table 0: Normal 1: Power Down Reserved Power Down Line Buffers 0: Normal 1: Power Down Power Down Oscillator PAD 0: Power Down 1: Normal Reserved Power Down all the clocks except REFCLK 0: Normal 1: Power Down Software Reset Enable 0: Disable 1: Enable
MTL004
(Rev. 0.95)
D5 D4
D3
D2 D1
D0
GPIO Control Register (Address F4h) (R/W) It controls the data of the GPIO pins. D7-4 D3-0 Reserved GPIO[3:0]
GPIO Direction Control (Address F5h) (R/W) It controls the In/Out direction of the GPIO pins, where "0" means Input, and "1" means Output. D7-4 D3-0 Reserved GPIO[3:0] In/Out Select 0: Input 1: Output
GPIO Misc Control (Address F6h) (R/W) It defines the GPIO pins miscellaneous control. D7-1 D0 Reserved GPIO[1:0] Output Pins Source 0: from Reg. F4h GPIO[1:0] 1: from ADVS/ADHS
Revision 0.95
- 47 -
2000/06/14
MYSON TECHNOLOGY
5. ELECTRICAL CHARACTERISTICS 5.1 DC CHARACTERISTICS
MTL004
(Rev. 0.95)
Table 5.1 Recommended Operating Conditions SYMBOL Vcc Tamb Tstg PARAMETER Operation Voltage Operating Ambient Temperature Storage Temperature MIN 3.0 0 -55 TYP 3.3 MAX 3.6 70 150 UNIT V o C o C
Table 5.2 DC Electrical Characteristics for 3.3 V Operation SYMBOL VIL VIH VtPARAMETER CONDITIONS Input Low Voltage Input High Voltage Input Schmitt Trigger Low Voltage at pins SDA and SCK Input Schmitt Trigger High Voltage at pins SDA and SCK Output Low Voltage Output High Voltage Input Pull-up/Down VIL = 0v or Resistance VIH = VCC Input Leakage Current Output Leakage Current MIN 2.0 1.0 TYP MAX 0.8 UNIT V V
Vt+
1.7
VOL VOH RI ILI ILO
0.4 2.4 75 -10 -20 10 20
V V Kohm uA uA
Revision 0.95
- 48 -
2000/06/14
MYSON TECHNOLOGY
5.2 AC CHARACTERISTICS
MTL004
(Rev. 0.95)
Input Interface Timing
Figure 5.2.1 Input Interface Timing
IPCLK
Input VS/HS
Tivhs Tivhh
PIXIN[23:0]
Tids Tidh
Table 5.2.1 Input Interface Timing
SYMBOL Tids Tidh Tivhs Tivhh
PARAMETER Input Image Signal Setup Time for IPCLK Input Image Signal Hold Time for IPCLK Input VSYNC/HSYNC Setup Time for IPCLK Input VSYNC/HSYNC Hold Time for IPCLK
MIN 2 3 2 3
MAX
UNIT ns ns ns ns
Revision 0.95
- 49 -
2000/06/14
MYSON TECHNOLOGY
MTL004
(Rev. 0.95)
Output Interface Timing
Figure 5.2.2 Output Interface Timing
Tdck
DDCLK
Tdvs
Display VS
Tdhs
Display HS
Tdde
Display DDEN
Tddp
PIXOUT1[23:0] / PIXOUT2[23:0]
Table 5.2.2 Output Interface Timing
SYMBOL Tdck Tdvs Tdhs Tdde Tddp
PARAMETER Display Clock DDCLK Frequency Display VSYNC Output Delay to DDCLK Display HSYNC Output Delay to DDCLK Display DDEN Output Delay to DDCLK Display Data Output Delay to DDCLK
MIN 10 2 0.5 1 1.5
MAX
UNIT ns ns ns ns ns
Note: DDCLK phase can be adjusted relative to data and control outputs using the DDCLK_INV (Reg. A4h/D5-4) and DDCLK_DELAY[2:0] (Reg. A6h/D7-0) programming controls.
Revision 0.95
- 50 -
2000/06/14
MYSON TECHNOLOGY
MTL004
(Rev. 0.95)
OSD Interface Timing
Figure 5.2.3 OSD Interface Timing
OCLK
Tosdd
OVSYNC / OHSYNC
Input OSDDEN / OSDRED / OSDGRN / OSDBLU
Tosds Tosdh
Table 5.2.3 OSD Interface Timing
SYMBOL Tosdd Tosds Tosdh
PARAMETER OSD VS / HS Output Delay to OCLK OSD Signal Input Setup Time for OCLK OSD Signal Input Hold Time for OCLK
MIN 2 5.5 0
MAX
UNIT ns ns ns
Note: OCLK phase can be adjusted using OCLK_INV (Reg. A1h/D3) programming control and OHSYNC phase can be adjusted using OHSYNC_DELAY[1:0] (Reg. A1h/D5-4) programming control.
Revision 0.95
- 51 -
2000/06/14
MYSON TECHNOLOGY
MTL004
(Rev. 0.95)
I2C Host Interface Timing
Figure 5.2.4 I2C Host Interface Timing
Thigh
Tsu:sta
Tlow
Thd:sto
Thd:sta
Tsu:dat
Thd:dat
Tsu:sto
Table 5.2.4 I2C Host Interface Timing
SYMBOL Thigh Tlow Tsu:dat Thd:dat Tsu:sta Thd:sta Tsu:sto Thd:sto
PARAMETER Clock High Period Clock Low Period Data in Setup Time Data in Hold Time Start condition Setup Time Start condition Hold Time Stop condition Setup Time Stop condition Hold Time
MIN 500 500 200 100 500 500 500 500
MAX
UNIT ns ns ns ns ns ns ns ns
Revision 0.95
- 52 -
2000/06/14
MYSON TECHNOLOGY
MTL004
(Rev. 0.95)
8-bit Direct Host Interface Timing
Figure 5.2.5 8-bit Direct Host Interface Timing
ALE
Tllwl
Trwpw
Twhlh
WR/RD
Tavll Tllax Tqvwh
AD(7:0)/WR
A0-A7
DATA IN
AD(7:0)/RD
A0-A7
DATA OUT
Trlaz
Trldv
Trhdz
h h h Table 5.2.5 8-bit Direct Host Interface Timing
SYMBOL Tavll Tllax Trwpw Tllwl Tqvwh Twhqx Twhlh Trlaz Trldv Trhdz
PARAMETER Address Valid to ALE Low Address Hold After ALE Low WR/RD Pulse Width ALE Low to WR/RD Low Data Valid to WR High Data Hold After WR WR/RD High to ALE High - Register IO R/W RD Low to Address Float RD Low to Valid Data In Data Float after RD High
MIN 3 5 35 5 3 10 0 -5 0
MAX
30 15
UNIT ns ns ns ns ns ns ns ns ns ns
Revision 0.95
- 53 -
2000/06/14
MYSON TECHNOLOGY
6. PACKAGE DIMENSION
120/128/132/144/160/184/208/256L OFP 28 X 28 X 3.32 mm 2.6mm FOOTPRINT D1 D2 D
0.05 S
MTL004
(Rev. 0.95)
A2
A1
A
E1 E2
B
;L1
4X 4X e
1
aaa C A-B D bbb H A-B D
C
b e
ddd M C A-B S D S
C
2
SEATING PLANE
MILLIMETER INCH MAX MIN. NOM. MIN. NOM. MAX. . X X 4.10 X X 0.161 0.25 3.20 X 3.32 X 3.60 0.010 0.126 X 0.131 1.205 BSC 1.102 BSC 1.205 BSC 1.102 BSC 0.25 X 7 X 0.003 0.003 0 0 X X 3.5 X 8 REF 8 REF 0.20 0.004 0.75 0.018 X 0.008 0.005 0.024 0.051 REF X X 0.008 0.030 0.010 X 7 X X 0.142
ccc
R1 R2
C
SYMBOL
S
3
GAGE PLANE
0.25mm
A A1 A2 D D1 E E1 R2 R1 1 2 3 C L L1 S
L
MIN. NOM. MAX. MIN. NOM. MAX. 0.17 0.20 0.27 0.007 0.008 0.011 0.50 BSC. 0.020 BSC. 25.50 1.004 25.50 1.004 TOLERANCES OF FORM AND POSITION 0.20 0.008 0.20 0.008 X 0.08 X X 0.003 X X 0.08 X X 0.003 X
30.60 BSC 28.00 BSC 30.60 BSC 28.00 BSC 0.08 0.08 0 0 X X 3.5 X 8 REF 8 REF 0.09 0.45 0.20 0.15 0.60 1.30 X
NOTES:
1. DIMENSIONS D1 AND E1 DO NOT INCLUDE MOLD PROTRUSION. 2. SIMENSION b DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL NOT CAUSE THE LEAD WIDTH TO EXCEED THE MAXIMUM b DIMENSION BY MORE THAN 0.08mm. DAMBAR CAN NOT BE LOCATED ON THE LOWER RADIUS OR THE FOOT. THE MINIMUM SPACE BETWEEN PROTRUSION AND AN ADJACENT LEAD SHALL NOT BE LESS THAN 0.07 mm. 3. THE TOP PACKAGE BOOY SIZE MAY BE SMALLER THAN THE BOTTOM PACKAGE BOOY SIZE.
Revision 0.95
- 54 -
2000/06/14


▲Up To Search▲   

 
Price & Availability of MTL004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X